PART |
Description |
Maker |
KSC221J KSC351J KSC621J KSC121J KSC401J KSC321G KS |
KSC Series Sealed Tact Switch for SMT Sealed Tact Switch for SMT
|
ITT Industries
|
KSR232GLFS KSR214GLFS KSR212GLFS |
Subminiature Tact Switch for SMT
|
C&K Components
|
RE5VL27C-RR RH5VL27C-RR RN5VL27C-RR RE5VL27C-RF RN |
Industrial Control IC RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 tact switches with radial lead packaging designed for automatic feed SWITCH TACT SEALED 6.9MM 300GF High Speed CMOS Logic Hex D-Type Flip-Flops with Reset 16-SOIC -55 to 125 Metal Film Resistor - RN 1/4 T2 20 1% A Voltage Detector 电压检测器 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-TSSOP -55 to 125 电压检测器 SWITCH TACT SEALED 5.2MM 300GF 电压检测器 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 POWER SUPPLY SUPPORT CKT, PSSO3 sealed, tactile switch with multiple gram force options and multiple actuator lengths SWITCH TACT SEALED 4.7MM 300GF SWITCH TACT SEALED 10MM 130GF POWER SUPPLY SUPPORT CKT, PBCY3 VOLTAGE DETECTOR
|
Ricoh Co., Ltd. Samsung Semiconductor Co., Ltd. Atmel, Corp. Littelfuse, Inc. RICOH COMPANY LTD RICOH electronics devices d... RICOH electronics devic...
|
KST241GLFG KST241GLFS KST223GLFG KST223GLFS KST221 |
Long Travel Tact Switch for SMT
|
ITT[ITT Industries]
|
KT11JM34LFS KT11JM34LFG KT11B1JM34LFS KT11SM34LFG |
Right Angle Sealed Tact Switch for SMT
|
C&K Components
|
K5V2CL43G K5V1CL43G K5V19043G K5V2YG43G K5V K5V1BU |
Right Angle Lighted SMT Tact Switch
|
ITT Corporation ITT[ITT Industries]
|
SML-LXL99USBC-TR-5 SML-LXL99USBC-TR_5 SML-LXL99USB |
7.7mm DIA TOP DOME SMT LED HIGH POWER BLUE 5W.
|
LUMEX INC.
|
LL3303F065QG |
Tact Switches SMT
|
E-SWITCH
|
TL3320AF100QG TL3320AF160QG |
TACT SWITCHES SMT - RIGHT ANGLE
|
http://
|
TL1014BF180QG TL1014AF180QG |
TACT SWITCHES SMT - SIDE MOUNT ACTUATED
|
E-SWITCH
|